Part Number Hot Search : 
HT67F40 KBJ1004 FDMS3500 HMC451 STS150 TDA6405 MM1ZB15H ANSR2N7
Product Description
Full Text Search
 

To Download SEMIX604GB12VS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SEMIX604GB12VS ? by semikron rev. 2 ? 16.02.2011 1 semix ? 4s gb SEMIX604GB12VS features ? homogeneous si ?v ce(sat) with positive temperature coefficient ? high short circuit capability ? ul recognised file no. e63532 typical applications* ?ac inverter drives ?ups ? electronic welding remarks ? case temperature limited to t c =125c max. ? product reliability results are valid for t j =150c ? dynamic values apply to the following combination of resistors: r gon,main = 1,0 ? r goff,main = 1,0 ? r g,x = 2,2 ? r e,x = 0,5 ? absolute maximum ratings symbol conditions values unit igbt v ces 1200 v i c t j = 175 c t c =25c 880 a t c =80c 670 a i cnom 600 a i crm i crm = 3xi cnom 1800 a v ges -20 ... 20 v t psc v cc = 600 v v ge 15 v v ces 1200 v t j =125c 10 s t j -40 ... 175 c inverse diode i f t j = 175 c t c =25c 707 a t c =80c 529 a i fnom 600 a i frm i frm = 3xi fnom 1800 a i fsm t p = 10 ms, sin 180, t j =25c 3240 a t j -40 ... 175 c module i t(rms) t terminal =80c 600 a t stg -40 ... 125 c v isol ac sinus 50hz, t = 1 min 4000 v characteristics symbol conditions min. typ. max. unit igbt v ce(sat) i c =600a v ge =15v chiplevel t j =25c 1.75 2.2 v t j =150c 2.2 2.5 v v ce0 t j =25c 0.94 1.04 v t j =150c 0.88 0.98 v r ce v ge =15v t j =25c 1.4 1.9 m ? t j =150c 2.2 2.5 m ? v ge(th) v ge =v ce , i c = 24 ma 5.5 6 6.5 v i ces v ge =0v v ce = 1200 v t j =25c 0.1 0.3 ma t j =150c ma c ies v ce =25v v ge =0v f=1mhz 36.0 nf c oes f=1mhz 3.55 nf c res f=1mhz 3.54 nf q g v ge = - 8 v...+ 15 v 6600 nc r gint t j =25c 1.25 ? t d(on) v cc = 600 v i c =600a v ge =15v r g on =1.7 ? r g off =1.7 ? di/dt on = 6300 a/s di/dt off =5400a/s du/dt off = 6800 v/ s t j =150c 517 ns t r t j =150c 94 ns e on t j =150c 58.7 mj t d(off) t j =150c 788 ns t f t j =150c 102 ns e off t j =150c 78.5 mj r th(j-c) per igbt 0.051 k/w www..net
SEMIX604GB12VS 2 rev. 2 ? 16.02.2011 ? by semikron characteristics symbol conditions min. typ. max. unit inverse diode v f = v ec i f = 600 a v ge =0v chip t j =25c 2.1 2.46 v t j =150c 2.1 2.4 v v f0 t j =25c 1.1 1.3 1.5 v t j =150c 0.7 0.9 1.1 v r f t j =25c 1.1 1.4 1.6 m ? t j =150c 1.8 1.9 2.1 m ? i rrm i f = 600 a di/dt off =6200a/s v ge =-15v v cc = 600 v t j =150c 463 a q rr t j =150c 110 c e rr t j =150c 49.5 mj r th(j-c) per diode 0.086 k/w module l ce 22 nh r cc'+ee' res., terminal-chip t c =25c 0.7 m ? t c =125c 1m ? r th(c-s) per module 0.03 k/w m s to heat sink (m5) 3 5 nm m t to terminals (m6) 2.5 5 nm nm w 400 g temperatur sensor r 100 t c =100c (r 25 =5 k ? ) 493 5% ? b 100/125 r (t) =r 100 exp[b 100/125 (1/t-1/t 100 )]; t[k]; 3550 2% k semix ? 4s gb SEMIX604GB12VS features ? homogeneous si ?v ce(sat) with positive temperature coefficient ? high short circuit capability ? ul recognised file no. e63532 typical applications* ?ac inverter drives ?ups ? electronic welding remarks ? case temperature limited to t c =125c max. ? product reliability results are valid for t j =150c ? dynamic values apply to the following combination of resistors: r gon,main = 1,0 ? r goff,main = 1,0 ? r g,x = 2,2 ? r e,x = 0,5 ?
SEMIX604GB12VS ? by semikron rev. 2 ? 16.02.2011 3 fig. 1: typ. output characteristic, inclusive r cc'+ ee' fig. 2: rated current vs. temperature i c = f (t c ) fig. 3: typ. turn-on /-off energy = f (i c ) fig. 4: typ. turn-on /-off energy = f (r g ) fig. 5: typ. transfer characteristic fig. 6: typ. gate charge characteristic
SEMIX604GB12VS 4 rev. 2 ? 16.02.2011 ? by semikron fig. 7: typ. switching times vs. i c fig. 8: typ. switching ti mes vs. gate resistor r g fig. 9: typ. transient thermal impedance fig. 10: typ. cal diode forward charact., incl. r cc'+ee' fig. 11: typ. cal diode peak reverse recovery current fig. 12: typ. cal diode recovery charge
SEMIX604GB12VS ? by semikron rev. 2 ? 16.02.2011 5 this is an electrostatic discharge sensitive device (esds), international standard iec 60747-1, chapter ix * the specifications of our components may no t be considered as an assurance of component characteristics. components have to b e tested for the respective application. adjustments may be necessary. the use of semikron produc ts in life support appliances and syste ms is subject to prior specification and written approval by semikron. we therefore strongly recommend prior consultation of our staf f. semix 4s spring configuration


▲Up To Search▲   

 
Price & Availability of SEMIX604GB12VS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X